PART |
Description |
Maker |
UPD720200AF1-DAP-A |
The μPD720200A is the second generation Universal Serial Bus 3.0 host controller, which complies with Universal Serial Bus 3.0 Specification, and Intel’s eXtensible Host controller interface
|
Renesas Electronics Corporation
|
ISP1581BD |
Universal Serial Bus 2.0 high-speed interface device
|
NXP Semiconductors
|
ISP1183BS |
Low-power Universal Serial Bus interface device with DMA
|
NXP Semiconductors
|
USB-A-004 USB-A-004-30 USB-A-005A USB-A-005A-30 |
Universal Serial Bus, Type A - 180° Receptacle Universal Serial Bus, Type A - 180隆? Receptacle
|
Yamaichi Electronics Co., Ltd.
|
25C640 |
The 25C640 is a 64K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
CM2400-01 |
Universal Serial Bus Transceiver
|
CMD
|
CY7C63000A-PC CY7C63000A-SC CY7C63000A CY7C63001A- |
Universal Serial Bus Microcontroller
|
CYPRESS[Cypress Semiconductor]
|
CM2400-05 |
Universal Serial Bus Transceiver
|
CMD
|
PDIUSBH11A PDIUSBH11AD PDIUSBH11ANB |
Universal Serial Bus Hub
|
PHILIPS[Philips Semiconductors]
|
CY7C63000 |
Universal Serial Bus Microcontroller
|
Cypress Semiconductor
|